PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT709079L15PF IDT709079S15PF8 IDT709089S9PF IDT70 |
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 64K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through 32K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through
|
Integrated Device Technology, Inc. IDT
|
CY7C0853V-133BBC CY7C0853V-133BBI CY7C0850V-133AI |
CONNECTOR ACCESSORY FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 32K X 36 DUAL-PORT SRAM, 4.4 ns, PBGA172
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
CY7C057V-20BBC CY7C057V-20AC CY7C057V-15AI CY7C056 |
3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM 16K X 36 DUAL-PORT SRAM, 20 ns, PBGA172 3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM 3.3 16K/32K × 36 FLEx36异步双端口静态存储器
|
http:// Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C09569V-83AC CY7C09579V-83BBC CY7C09579V-83BBI |
3.3V 16K/32K x 36FLEx36(TM) Synchronous Dual-Port Static RAM 3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C09569V-100AC |
3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM 16K X 36 DUAL-PORT SRAM, 12.5 ns, PQFP144
|
Cypress Semiconductor, Corp.
|
CY7C006AV-20AC CY7C006AV CY7C006AV-20JC CY7C006AV- |
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
|
Cypress Semiconductor http://
|
IDT70V07L IDT70V07L25G IDT70V07L25J IDT70V07L25PF |
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|